PART |
Description |
Maker |
GS1G-TP GS1M-TP GS1B GS1A-11 |
DIODE STD REC 1A 400V DO214AC 1 A, 400 V, SILICON, SIGNAL DIODE, DO-214AC DIODE STD REC 1A 1000V DO214AC 1 A, 1000 V, SILICON, SIGNAL DIODE, DO-214AC 1 Amp Silicon Rectifier 50 to 1000 Volts
|
Micro Commercial Components, Corp. Micro Commercial Compon...
|
CBR2-L080M CBR2-L060M CBR1-L0100M CBR1-L010M CBR1- |
SILICON BRIDGE RECTIFER 1.5 A, 100 V, SILICON, BRIDGE RECTIFIER DIODE SILICON BRIDGE RECTIFER 1.5 A, 200 V, SILICON, BRIDGE RECTIFIER DIODE Leaded Bridge Rectifier General Purpose
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
GBJ25005-BP GBJ2504-BP GBJ2510-BP GBJ2502-BP GBJ25 |
RECT BRIDGE GPP 25A 50V GBJ 25 A, 50 V, SILICON, BRIDGE RECTIFIER DIODE RECT BRIDGE GPP 25A 400V GBJ 25 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE RECT BRIDGE GPP 25A 1000V GBJ 25 A, 1000 V, SILICON, BRIDGE RECTIFIER DIODE RECT BRIDGE GPP 25A 200V GBJ 25 A, 200 V, SILICON, BRIDGE RECTIFIER DIODE 25 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
|
Micro Commercial Components, Corp. Micro Commercial Compon...
|
CBR1-D100 CBR1-D010 CBR1-D020 CBR1-D040 CBR1-D060 |
SILICON BRIDGE RECTIFIER 1AMP, 100 THRU 1000 VOLTS 1 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE SILICON BRIDGE RECTIFIER 1AMP, 100 THRU 1000 VOLTS 1 A, 100 V, SILICON, BRIDGE RECTIFIER DIODE SILICON BRIDGE RECTIFIER 1AMP, 100 THRU 1000 VOLTS 1 A, 200 V, SILICON, BRIDGE RECTIFIER DIODE From old datasheet system Leaded Bridge Rectifier General Purpose
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
MR820 MR822 MR821 MR824 MR826 MR828 |
DIODE STD REC 1A 50V DO214AC 5 A, 50 V, SILICON, RECTIFIER DIODE Fast Silicon Rectifiers
|
Diotec Elektronische Diotec Semiconductor AG DIOTEC[Diotec Semiconductor]
|
B40C7000-4000 B125C7000-4000 B80C7000-4000 B250C70 |
Silicon-Bridge Rectifiers 4.8 A, 800 V, SILICON, BRIDGE RECTIFIER DIODE Silicon-Bridge Rectifiers 4.8 A, 250 V, SILICON, BRIDGE RECTIFIER DIODE Silicon-Bridge Rectifiers 4.8 A, 80 V, SILICON, BRIDGE RECTIFIER DIODE
|
Semikron International
|
BA7180 BA7180AFS BA7180AS A5800905 BA7180AS/AFS BA |
Video LSIs > VCR video signal processor > PRE/REC amplifier From old datasheet system 2-channel PRE / REC amplifier with auto-tracking interface
|
ROHM[Rohm] Rohm CO.,LTD.
|
IR15XB.. IR15XB08 IR15XB02 IR15XB04 IR15XB06 |
DIODE 15 A, 200 V, SILICON, BRIDGE RECTIFIER DIODE, Bridge Rectifier Diode 15.0 Amps Single Phase Full Wave Bridge Rectifier 800V Bridge in a IR15XB package 200V Bridge in a IR15XB package 400V Bridge in a IR15XB package 600V Bridge in a IR15XB package
|
Vishay Semiconductors International Rectifier
|
GBU8K GBU8B GBU8A GBU8M GBU8D GBU8G GBU8J |
Silicon-Bridge Rectifiers 5.6 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE
|
Diotec Semiconductor AG DIOTEC[Diotec Semiconductor]
|
BA7746 BA7746FS BA7746S A5801053 BA7746S/FS |
VCR Hi-Fi audio signal REC / PB amplifier Video LSIs > VCR audio signal processor > PRE/REC amplifier for Hi-Fi audio From old datasheet system VCR Hi-Fi Audio Signal REC / PB Amplifier(VCR高保真音频信号放大器)
|
ROHM[Rohm] Rohm CO.,LTD.
|
DB35-00506 DB35-10 DB35-01 |
Three-Phase Si-Bridge Rectifiers 3 PHASE, 35 A, 100 V, SILICON, BRIDGE RECTIFIER DIODE CMOS, Low Voltage, Single 8 to 1 Multiplexer 3 PHASE, 35 A, 1000 V, SILICON, BRIDGE RECTIFIER DIODE
|
Semikron International
|